|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOTOROLA SEMICONDUCTOR TECHNICAL DATA TM Order this document by MGSF3455VT1/D Preliminary Information MGSF3455VT1 Motorola Preferred Device Low rDS(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors Part of the GreenLineTM Portfolio of devices with energy- conserving traits. These miniature surface mount MOSFETs utilize Motorola's High Cell Density, HDTMOS process. Low rDS(on) assures minimal power loss and conserves energy, making this device ideal for use in small power management circuitry. Typical applications are dc-dc converters, power management in portable and battery- powered products such as computers, printers, PCMCIA cards, cellular and cordless telephones. * Low rDS(on) Provides Higher Efficiency and Extends Battery Life * Miniature TSOP 6 Surface Mount Package Saves Board Space * Visit our Web Site at http://www.mot-sps.com/ospd P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET rDS(on) = 80 m (TYP) TM D D S 1256 DRAIN D D G CASE 318G-02, Style 1 TSOP 6 PLASTIC 3 GATE SOURCE 4 MAXIMUM RATINGS (TJ = 25C unless otherwise noted) Rating Drain-to-Source Voltage Gate-to-Source Voltage -- Continuous Drain Current -- Continuous @ TA = 25C Drain Current -- Pulsed Drain Current (tp 10 s) Total Power Dissipation @ TA = 25C Mounted on FR4 t Operating and Storage Temperature Range Thermal Resistance -- Junction-to-Ambient Maximum Lead Temperature for Soldering Purposes, for 10 seconds Symbol VDSS VGS ID IDM PD TJ, Tstg RJA TL Value 30 20 3.5 20 2.0 - 55 to 150 62.5 260 Unit Vdc Vdc A W C C/W C 5 sec ORDERING INFORMATION Device MGSF3455VT1 MGSF3455VT3 Reel Size 7 13 Tape Width 8 mm embossed tape 8 mm embossed tape Quantity 3000 10,000 GreenLine is a trademark of Motorola, Inc. HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Thermal Clad is a trademark of the Bergquist Company. This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice. Preferred devices are Motorola recommended choices for future use and best overall value. Motorola Inc. 1997 (c) Motorola, Small-Signal Transistors, FETs and Diodes Device Data 1 MGSF3455VT1 ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0 Vdc, ID = 10 A) Zero Gate Voltage Drain Current (VDS = 30 Vdc, VGS = 0 Vdc) (VDS = 30 Vdc, VGS = 0 Vdc, TJ = 70C) Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0) ON CHARACTERISTICS(1) Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) Static Drain-to-Source On-Resistance (VGS = 10 Vdc, ID = 3.5 A) (VGS = 4.5 Vdc, ID = 2.5 A) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance SWITCHING CHARACTERISTICS(2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Gate Charge SOURCE-DRAIN DIODE CHARACTERISTICS Continuous Current Pulsed Current Forward Voltage(2) (1) Pulse Test: Pulse Width 300 s, Duty Cycle 2%. (2) Switching characteristics are independent of operating junction temperature. IS ISM VSD -- -- -- -- -- -- 1.0 5.0 1.2 A A V ( (VDD = 15 Vd , ID = 1 0 A, Vdc, 1.0 A, VGEN = 10 V, RL = 10 ) td(on) tr td(off) tf QT -- -- -- -- -- 10 15 20 10 3000 20 30 35 20 -- pC ns (VDS = 5.0 V) (VDS = 5.0 V) (VDG = 5.0 V) Ciss Coss Crss -- -- -- 90 50 10 -- -- -- pF VGS(th) 1.0 rDS(on) -- -- 0.080 0.134 0.100 0.190 -- -- Ohms Vdc V(BR)DSS 30 IDSS -- -- IGSS -- -- -- -- 1.0 5.0 100 nAdc -- -- Adc Vdc Symbol Min Typ Max Unit 2 Motorola Small-Signal Transistors, FETs and Diodes Device Data MGSF3455VT1 TYPICAL ELECTRICAL CHARACTERISTICS 20 VGS = 10, 9, 8, 7 V I D , DRAIN CURRENT (A) 16 5V 12 6V I D , DRAIN CURRENT (A) 16 20 TJ = -55C 25C 125C 12 8 8 4V 4 3V 0 0 1 2 3 4 4 0 0 1 2 3 4 5 6 7 VDS, DRAIN-TO-SOURCE VOLTAGE (V) VGS, GATE-TO-SOURCE VOLTAGE (V) Figure 1. Output Characteristics Figure 2. Transfer Characteristics 0.30 R DS(on) , ON-RESISTANCE (OHMS) 580 500 Ciss 0.24 C, CAPACITANCE (pF) 420 340 260 180 100 0 20 0 4 8 12 ID, DRAIN CURRENT (A) 16 20 0 Crss 0.18 VGS = 4.5 V 0.12 VGS = 10 V Coss 0.06 6 12 18 24 30 VDS - DRAIN-TO-SOURCE VOLTAGE (V) Figure 3. On-Resistance vs. Drain Current Figure 4. Capacitance 10 VGS, GATE-TO-SOURCE VOLTAGE (V) RDS(on) , ON-RESISTANCE (OHMS) (NORMALIZED) VDS = 15 V ID = 3.5 A 1.60 1.45 1.30 1.15 1.00 0.85 0.7 -50 VGS = 10 V ID = 3.5 A 8 6 4 2 0 0 1.5 3.0 4.5 6.0 Qg, TOTAL GATE CHARGE (nC) -25 0 25 50 75 100 TJ, JUNCTION TEMPERATURE (C) 125 150 Figure 5. Gate Charge Figure 6. On-Resistance vs. Junction Temperature Motorola Small-Signal Transistors, FETs and Diodes Device Data 3 MGSF3455VT1 TYPICAL ELECTRICAL CHARACTERISTICS 20 RDS(on) , ON-RESISTANCE (OHMS) 0.40 I S , SOURCE CURRENT (A) 10 TJ = 150C 0.32 0.24 TJ = 25C 0.16 ID = 3.5 A 0.08 0 1 0 0.25 0.50 0.75 1.00 1.25 1.5 1.75 VSD, SOURCE-TO-DRAIN VOLTAGE (V) 0 2 4 6 8 10 VGS - GATE-TO-SOURCE VOLTAGE (V) Figure 7. Source-Drain Diode Forward Voltage Figure 8. On-Resistance vs. Gate-to-Source Voltage 0.60 0.45 V GS(th) , VARIANCE (V) 0.30 0.15 0.0 -0.15 -0.3 -50 ID = 250 A 30 24 POWER (W) 25 50 75 100 TJ, TEMPERATURE (C) 125 150 18 12 6 0 0.01 -25 0 0.10 1.00 TIME (sec) 10.00 Figure 9. Threshold Voltage Figure 10. Single Pulse Power 2 NORMALIZED EFFECTIVE TRANSIENT THERMAL IMPEDANCE 1 Duty Cycle = 0.5 0.2 0.1 0.1 0.05 0.02 SINGLE PULSE 1.0E-03 1.0E-02 t1 P(pk) 0.01 1.0E-04 t2 DUTY CYCLE, D = t1/t2 1.0E-01 RJC(t) = r(t) RJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t) 1.0E+00 1.0E+01 Square Wave Pulse Duration (sec) Figure 11. Normalized Thermal Transient Impedance, Junction-to-Ambient 4 Motorola Small-Signal Transistors, FETs and Diodes Device Data MGSF3455VT1 INFORMATION FOR USING THE TSOP-6 SURFACE MOUNT PACKAGE MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection 0.094 2.4 interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process. 0.037 0.95 0.074 1.9 0.037 0.95 0.028 0.7 0.039 1.0 inches mm TSOP-6 TSOP-6 POWER DISSIPATION The power dissipation of the TSOP-6 is a function of the drain pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the TSOP-6 package, PD can be calculated as follows: PD = TJ(max) - TA RJA SOLDERING PRECAUTIONS The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 2.0 watts. PD = 150C - 25C 62.5C/W = 2.0 watts The 62.5C/W for the TSOP-6 package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 2.0 watts. There are other alternatives to achieving higher power dissipation from the TSOP-6 package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint. Motorola Small-Signal Transistors, FETs and Diodes Device Data 5 MGSF3455VT1 PACKAGE DIMENSIONS A L 6 5 1 2 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. DIM A B C D G H J K L M S MILLIMETERS MIN MAX 2.90 3.10 1.30 1.70 0.90 1.10 0.25 0.50 0.85 1.05 0.013 0.100 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00 STYLE 1: PIN 1. 2. 3. 4. 5. 6. INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181 S 3 B D G M 0.05 (0.002) H C K J CASE 318G-02 ISSUE A TSOP 6 PLASTIC DRAIN DRAIN GATE SOURCE DRAIN DRAIN Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. This device has a class 1 ESD rating. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://www.mot.com/SPS/ 6 MGSF3455VT1/D Motorola Small-Signal Transistors, FETs and Diodes Device Data |
Price & Availability of MGSF3455VT1 |